Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 20Page - STMicroelectronics AN1376 Datasheet HTML 21Page - STMicroelectronics AN1376 Datasheet HTML 22Page - STMicroelectronics AN1376 Datasheet HTML 23Page - STMicroelectronics AN1376 Datasheet HTML 24Page - STMicroelectronics AN1376 Datasheet HTML 25Page - STMicroelectronics AN1376 Datasheet HTML 26Page - STMicroelectronics AN1376 Datasheet HTML 27Page - STMicroelectronics AN1376 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
AN1376 APPLICATION NOTE
24/35
17 CONDUCTED NOISE MEASUREMENTS (Pre-Compliance Test)
The following pictures are the peak and quasi-peak conducted noise measurements at full
load and nominal mains voltages. The limits shown on the diagrams are the EN55022 CLASS
B ones, which is the most widely rule for domestic equipments like a STB.
As visible on the
diagrams there is a good margin of the measures with respect to the limits, either in peak or
quasi-peak mode.
The detail of the filtering components used is on the right of each diagram.
Figure 26.
PEAK MEASURE
BOARD #2
C9 = 100nF EPCOS
L = 39 mH EPCOS
C16 = 100nF EPCOS
TRAFO 2412.0011 REV. C1
Pout = 25W
QUASI-PEAK MEASURE
BOARD #2
C9 = 100nF EPCOS
L = 39 mH EPCOS
C16 = 100nF EPCOS
TRAFO 2412.0011 REV. C1
Pout = 25W
Vin = 115 Vrms 50 Hz – FULL LOAD
Limits: EN55022 CLASS B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com