Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 19Page - STMicroelectronics AN1376 Datasheet HTML 20Page - STMicroelectronics AN1376 Datasheet HTML 21Page - STMicroelectronics AN1376 Datasheet HTML 22Page - STMicroelectronics AN1376 Datasheet HTML 23Page - STMicroelectronics AN1376 Datasheet HTML 24Page - STMicroelectronics AN1376 Datasheet HTML 25Page - STMicroelectronics AN1376 Datasheet HTML 26Page - STMicroelectronics AN1376 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
23/35
AN1376 APPLICATION NOTE
16 OVER VOLTAGE PROTECTION
A dangerous fault that could happen in case is the failure of the feedback circuitry. If this oc-
curs, the SMPS output voltages can get high values, depending on the load by each output
and the transformer coupling between the windings. Consequently, the rectifiers and the out-
put capacitors are overstressed and can be destroyed. To avoid the SMPS failure a suitable
protection circuit has been added. Then the circuit has been tested opening the loop, giving
the following results:
3.3V OUTPUT: @ full load
3.3V OUTPUT: @ No load
@115V – 50Hz
@220V – 50Hz
@115V – 50Hz
@220V – 50Hz
V3V3: 4.02 V
V3V3: 4.08 V
V3V3: 4.64 V
V3V3: 4.67 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com