Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 14Page - STMicroelectronics AN1376 Datasheet HTML 15Page - STMicroelectronics AN1376 Datasheet HTML 16Page - STMicroelectronics AN1376 Datasheet HTML 17Page - STMicroelectronics AN1376 Datasheet HTML 18Page - STMicroelectronics AN1376 Datasheet HTML 19Page - STMicroelectronics AN1376 Datasheet HTML 20Page - STMicroelectronics AN1376 Datasheet HTML 21Page - STMicroelectronics AN1376 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
AN1376 APPLICATION NOTE
18/35
As expected the circuit protects itself as well. The secondary peak current is obviously lower,
due to the higher circuit impedance.
Figure 18. 3V3 OUTPUT: SHORT C1
Like the previous output voltage the controller keeps under control the circuit preventing in all
conditions the circuit from catastrophic failures. This happens even shorting the output by the
active load.
Figure 19. 12V OUTPUT: SHORT C19
Even the 12V output is well protected against shorts, either by a power switch or by the active
load
@85 VAC
@265 VAC
CH1:
DRAIN VOLTAGE
CH1:
DRAIN VOLTAGE
CH2:
VC11 (Vaux)
CH2:
VC11 (Vaux)
CH4:
ISHORT CIRCUIT
CH4:
ISHORT CIRCUIT
@85 VAC
@265 VAC
CH1:
DRAIN VOLTAGE
CH1:
DRAIN VOLTAGE
CH2:
VC11 (Vaux)
CH2:
VC11 (Vaux)
CH4:
ISHORT CIRCUIT
CH4:
ISHORT CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com