Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 7Page - STMicroelectronics AN1376 Datasheet HTML 8Page - STMicroelectronics AN1376 Datasheet HTML 9Page - STMicroelectronics AN1376 Datasheet HTML 10Page - STMicroelectronics AN1376 Datasheet HTML 11Page - STMicroelectronics AN1376 Datasheet HTML 12Page - STMicroelectronics AN1376 Datasheet HTML 13Page - STMicroelectronics AN1376 Datasheet HTML 14Page - STMicroelectronics AN1376 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
11/35
AN1376 APPLICATION NOTE
Figure 8.
The low frequency residual ripple compared with the ripple across C10 (input Elcap) shows an
excellent rejection of the circuit (>80 dB).
6
MEASUREMENT OF THE RMS CAPACITOR CURRENTS
The tables show the rms currents flowing in the output capacitors at 115Vac and 220Vac, full
load. All the rms currents are within the rating of the capacitor type indicated (Rubycon, YXF
series). This avoids the component overstress that should affect the reliability and/or the ex-
pected lifetime of the SMPS
.
@ 115Vac: ICAP C1 = 1.02 ARMS
@ 115Vac: ICAP C3 = 1.78 ARMS
@ 115Vac: ICAP C19 = 1.15 ARMS
@ 115Vac: ICAP C18 = 140 mARMS
@ 220Vac: ICAP C1 = 0.7 ARMS
@ 220Vac: ICAP C1 = 1.4 ARMS
@ 220Vac: ICAP C19 = 0.92 ARMS
@ 220Vac: ICAP C18 = 130 mARMS
@115 VAC - 50Hz - LINE FREQUENCY RIPPLE
CH1:
VC10
CH2:
+30 Vout
CH2:
+7 Vout
CH3:
+5 Vout
CH3:
+3.3 Vout
CH4:
+12 Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com