Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 6Page - STMicroelectronics AN1376 Datasheet HTML 7Page - STMicroelectronics AN1376 Datasheet HTML 8Page - STMicroelectronics AN1376 Datasheet HTML 9Page - STMicroelectronics AN1376 Datasheet HTML 10Page - STMicroelectronics AN1376 Datasheet HTML 11Page - STMicroelectronics AN1376 Datasheet HTML 12Page - STMicroelectronics AN1376 Datasheet HTML 13Page - STMicroelectronics AN1376 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
AN1376 APPLICATION NOTE
10/35
5
OUTPUT VOLTAGE RIPPLE @FULL LOAD
In the following picture all the output voltage ripple at switching and mains frequency are mea-
sured. As per the previous measures, the probes have been connected on test points after the
output flat cable. As shown in the pictures, the ripple and the spikes are very low.
Figure 7.
@115 VAC - 50Hz
@220 VAC - 50Hz
CH2:
+7 Vout
CH2:
+30 Vout
CH3:
+3.3 Vout
CH3:
+5 Vout
CH4:
+12 Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com