Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 9Page - STMicroelectronics AN1376 Datasheet HTML 10Page - STMicroelectronics AN1376 Datasheet HTML 11Page - STMicroelectronics AN1376 Datasheet HTML 12Page - STMicroelectronics AN1376 Datasheet HTML 13Page - STMicroelectronics AN1376 Datasheet HTML 14Page - STMicroelectronics AN1376 Datasheet HTML 15Page - STMicroelectronics AN1376 Datasheet HTML 16Page - STMicroelectronics AN1376 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13/35
AN1376 APPLICATION NOTE
affect the response. To avoid any expensive solution to improve it the better way is to measure
the voltage regulation during the normal operation, powering the real load circuitry. This, be-
cause there are some local capacitors or filters helping a lot the regulation. Moreover, normally
the dynamic load changes are less than the testing value indicated.
The regulation for all the other output voltage is good, remaining well within tolerances.
■
Unregulated Outputs
The following tests show the response of the output voltages varying the load for each unreg-
ulated output. The load conditions are specified at the right of each picture. The regulation
has been tested at both the nominal mains voltages.
Figure 10.
@115 VAC - 50Hz
CH1:
+12 Vout
CH2:
+7 Vout
CH3:
+3V3 Vout
CH4:
+5V Iout
+3,3V +5V, +7V, +30V: FULL LOAD
+12V: DYNAMIC LOAD 0.1 to 0.7A, 70Hz
@ 220Vac the waveforms have the same
amplitude.
CH1:
+12 Vout
CH2:
+7 Vout
CH3:
+3V3 Vout
CH4:
+12V Iout
+3,3V +5V, +7V, +30V: FULL LOAD
+5V: DYNAMIC LOAD 0.5 to 1.1A, 70Hz
5V modulation: 20 mVpp
@ 220Vac the waveforms have the same
amplitude.
ALL THE VOLTAGES ARE WITHIN TOLERANCES, AT BOTH INPUT MAINS VOLTAGES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com