Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 15Page - STMicroelectronics AN1376 Datasheet HTML 16Page - STMicroelectronics AN1376 Datasheet HTML 17Page - STMicroelectronics AN1376 Datasheet HTML 18Page - STMicroelectronics AN1376 Datasheet HTML 19Page - STMicroelectronics AN1376 Datasheet HTML 20Page - STMicroelectronics AN1376 Datasheet HTML 21Page - STMicroelectronics AN1376 Datasheet HTML 22Page - STMicroelectronics AN1376 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
19/35
AN1376 APPLICATION NOTE
Figure 20. 35V OUTPUT: SHORT C18
The above pictures are relevant to a hard short by switch of the output capacitor C11. The
short by active load has not been tested because the load is not connected on this point, but
after the zener limiting resistors.
The short circuit on the +30V has not been tested because the power rating of the limiting re-
sistors in series to the zener diode is not enough to insure a reliable protection against long-
term short circuits. A solution could be to PUT a PTC resistor or similar component, or
changethe present resistor with a fusible resistor.
Figure 21. 5V OUTPUT: SHORT BY ACTIVE LOAD
@85 VAC
@265 VAC
CH1:
DRAIN VOLTAGE
CH1:
DRAIN VOLTAGE
CH2:
VC11 (Vaux)
CH2:
VC11 (Vaux)
CH4:
ISHORT CIRCUIT
CH4:
ISHORT CIRCUIT
@115 VAC
A short circuit made on the flat cable solder-
ing points with a power switch provides for
the current limiting intervention of the regu-
lator at 2A (LD1086V50) Then, due to the
internal over temperature protection the
regulator starts to switch on and off itself, al-
ways keeping the output current under con-
trol. Hence, with this transformer and this
regulator, an overcurrent on the 5V is not
able to provide for the hic-cup working
mode the previous tests but anyway all the
most important circuit parameters are be-
low any dangerous overstress point.
CH1:
DRAIN VOLTAGE
CH2:
VC11 (Vaux)
CH4:
ISHORT CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com