Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 10Page - STMicroelectronics AN1376 Datasheet HTML 11Page - STMicroelectronics AN1376 Datasheet HTML 12Page - STMicroelectronics AN1376 Datasheet HTML 13Page - STMicroelectronics AN1376 Datasheet HTML 14Page - STMicroelectronics AN1376 Datasheet HTML 15Page - STMicroelectronics AN1376 Datasheet HTML 16Page - STMicroelectronics AN1376 Datasheet HTML 17Page - STMicroelectronics AN1376 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
AN1376 APPLICATION NOTE
14/35
Figure 11.
8
START-UP BEHAVIOUR @FULL LOAD
Figure 12.
@115 VAC - 50Hz
CH1:
+12 Vout
CH3:
+3V3 Vout
CH2:
+7 Vout
CH4:
+7V Iout
+3,3V +5V, +7V, +30V: FULL LOAD
+7V: DYNAMIC LOAD 0.1 to 0.5A, 70Hz
5V modulation: 20 mVpp
@ 220Vac the waveforms have the same
amplitude.
ALL THE VOLTAGES ARE WITHIN TOL-
ERANCES, AT BOTH INPUT MAINS
VOLTAGES
@115 VAC - 50Hz
@220 VAC - 50Hz
@85 VAC - 50Hz
@265 VAC - 50Hz
CH1:
+12 Vout
CH3:
+3.3 Vout
CH2:
+5 Vout
CH4:
+7V Iout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com