Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1376 Datasheet HTML 1Page - STMicroelectronics AN1376 Datasheet HTML 2Page - STMicroelectronics AN1376 Datasheet HTML 3Page - STMicroelectronics AN1376 Datasheet HTML 4Page - STMicroelectronics AN1376 Datasheet HTML 5Page - STMicroelectronics AN1376 Datasheet HTML 6Page - STMicroelectronics AN1376 Datasheet HTML 7Page - STMicroelectronics AN1376 Datasheet HTML 8Page - STMicroelectronics AN1376 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5/35
AN1376 APPLICATION NOTE
Figure 2. Vds & Id @ Full Load
The pictures above show the drain voltage and current at the nominal input mains voltage dur-
ing normal operation at full load. The Envelope acquisition of the scope provides for the pos-
sibility to see the modulation of the two waveforms due to the input voltage ripple.
Figure 3. Vds & Id @ Full Load (Vin = 265 Vrms - 50 Hz)
Figure 4. Vin = 265 Vrms - 50 Hz, @FULL LOAD: DIODE PIV
Vin = 115 Vrms - 50 Hz
Vin = 220 Vrms - 50 Hz
CH1: DRAIN VOLTAGE;
CH2: RAIN CURRENT - VR.SENSE (R6)
CH1: DRAIN VOLTAGE;
CH2: RAIN CURRENT - VR.SENSE (R6)
This picture gives the measurement of the
drain peak voltage at full load and maximum
input mains voltage. The voltage peak, which
is 548V, assures a reliable operation of the
PowerMOS with a good margin against the
maximum BVDSS.
CH3: +35V DIODE: ANODE VOLTAGE;
CH4: +12V DIODE: ANODE VOLTAGE
CH3: +7V DIODE: ANODE VOLTAGE;
CH4: +3V3 DIODE: ANODE VOLTAGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com