Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 2 Page - STMicroelectronics

  AN1376 Datasheet HTML 1Page - STMicroelectronics AN1376 Datasheet HTML 2Page - STMicroelectronics AN1376 Datasheet HTML 3Page - STMicroelectronics AN1376 Datasheet HTML 4Page - STMicroelectronics AN1376 Datasheet HTML 5Page - STMicroelectronics AN1376 Datasheet HTML 6Page - STMicroelectronics AN1376 Datasheet HTML 7Page - STMicroelectronics AN1376 Datasheet HTML 8Page - STMicroelectronics AN1376 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
AN1376 APPLICATION NOTE
2/35
2
MAIN CHARACTERISTICS
The main characteristics of the SMPS are listed here below:
■
INPUT VOLTAGE:
Vin: 90 - 264 Vrms
f: 45-66 Hz
■
OUTPUT VOLTAGES:
NOTES:
(A)
Dedicated to 5V digital circuitry and to 3.3v local post regulators
(B)
Dedicated to SCART, LNBP21 for satellite STB. For other applications the current is 0.4A
(C)
Dedicated to 5V local post regulators
(D)
Dedicated to tuner
■
STAND-BY
No stand-by mode is foreseen by equipment
■
OVERCURRENT PROTECTION
On all outputs, with auto-restart at short protection
■
PCB TYPE & SIZE:
Cu Single Side 35 um, FR-4, 122.5 x 75 mm
■
SAFETY:
In acc. with EN60950, creepage and clearance minimum distance 6.4mm
■
EMI:
In acc. with EN50022 Class B
Vout (V):
Iout (A):
Pout (W):
STABILITY
NOTES
3.3
2.00
6.6
+/- 2%
5
1.1
5.5
+/- 2%
(A)
12
0.7
8.4
+/- 5%
(B)
7
0.5
3.5
+/- 8%
(C)
30
0.015
0.45
+/- 2%
(D)
POUT (W) = 24.45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com