Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 13Page - STMicroelectronics AN1376 Datasheet HTML 14Page - STMicroelectronics AN1376 Datasheet HTML 15Page - STMicroelectronics AN1376 Datasheet HTML 16Page - STMicroelectronics AN1376 Datasheet HTML 17Page - STMicroelectronics AN1376 Datasheet HTML 18Page - STMicroelectronics AN1376 Datasheet HTML 19Page - STMicroelectronics AN1376 Datasheet HTML 20Page - STMicroelectronics AN1376 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17/35
AN1376 APPLICATION NOTE
11 SHORT-CIRCUIT TESTS @ FULL LOAD
The short circuit tests have been done in two phases, both making the test shorting by a power
switch the output electrolytic capacitor or making the short by the active load option. This gives
an idea about the circuit behaviour with a hard short (at very low impedance) or with a "soft"
short that could happen on the STB main board, having slightly higher impedance. All the tests
have been done at maximum and minimum input voltage. For all conditions the drain voltage
is always below the BVDSS, while the mean value of the output current has a value close to
the nominal one, then preventing component melting for excessive dissipation. The auto-re-
start is correct at short removal in all conditions.
Figure 16. 7V OUTPUT: SHORT C3
As clearly indicated by the waveforms, the circuit start to work in hic-cup mode, so maintaing the mean
value of the current at levels supported by the component rating. Because the working time and the dead
time are imposed by the charging and discharging time of the auxiliary capacitor C11, it is proportional
to the input mains voltage.
Figure 17. 7V OUTPUT: SHORT BY ACTIVE LOAD
@85 VAC
@265 VAC
CH1:
DRAIN VOLTAGE
CH1:
DRAIN VOLTAGE
CH2:
VC11 (Vaux)
CH2:
VC11 (Vaux)
CH4:
ISHORT CIRCUIT
CH4:
ISHORT CIRCUIT
@85 VAC
@265 VAC
CH1:
DRAIN VOLTAGE
CH1:
DRAIN VOLTAGE
CH2:
VC11 (Vaux)
CH2:
VC11 (Vaux)
CH4:
ISHORT CIRCUIT
CH4:
ISHORT CIRCUIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com