Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN1376 Datasheet HTML 4Page - STMicroelectronics AN1376 Datasheet HTML 5Page - STMicroelectronics AN1376 Datasheet HTML 6Page - STMicroelectronics AN1376 Datasheet HTML 7Page - STMicroelectronics AN1376 Datasheet HTML 8Page - STMicroelectronics AN1376 Datasheet HTML 9Page - STMicroelectronics AN1376 Datasheet HTML 10Page - STMicroelectronics AN1376 Datasheet HTML 11Page - STMicroelectronics AN1376 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
AN1376 APPLICATION NOTE
8/35
■
Reduced Load - 9W
Even still reducing the load till 9W, Thanks to the good coupling of the transformer, all the out-
put voltages are still in tolerance.
■
At No-Load (Output connector unplug)
Vout [V} =
31.6
7.16
12.77
3.36
4.96
Vin [Vrms]=
115
Iout [A] =
0
0.300
0.051
1.008
0.6
Iin [Arms] =
0.22
Pout [W] =
0.000
2.148
0.651
3.387
2.976
Pin [W] =
14.2
VUNREG =36
PoutTOT [W] =
9.162
VC11 =
11.48
EFF. = 64.52%
fS = 94÷101 kHz
ALL VOLTAGES ARE WITHIN TOLERANCE
Vout [V} =
31.5
7.16
12.76
3.36
4.96
Vin [Vrms]=
220
Iout [A] =
0
0.300
0.051
1.008
0.602
Iin [Arms] =
0.15
Pout [W] =
0.000
2.148
0.651
3.387
2.986
Pin [W] =
15.2
VUNREG =
35.8
PoutTOT [W] = 9.172
VC11 =
11.7
EFF. = 60.34%
fS = PFM/PWM
ALL VOLTAGES ARE WITHIN TOLERANCE
Vout [V] =
30.4
7.20
12.15
3.39
5.00
Vin [Vrms]=
220
Pin [W] =
1.6
Vin [Vrms]=
115
Vout [V] =
30.4
7.20
12.0
3.38
5.00
Pin [W] =
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com