Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1376 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1376
Description  25W QUASI-RESONANT FLYBACK CONVERTER FOR
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1376 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1376 Datasheet HTML 1Page - STMicroelectronics AN1376 Datasheet HTML 2Page - STMicroelectronics AN1376 Datasheet HTML 3Page - STMicroelectronics AN1376 Datasheet HTML 4Page - STMicroelectronics AN1376 Datasheet HTML 5Page - STMicroelectronics AN1376 Datasheet HTML 6Page - STMicroelectronics AN1376 Datasheet HTML 7Page - STMicroelectronics AN1376 Datasheet HTML 8Page - STMicroelectronics AN1376 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1/35
AN1376
APPLICATION NOTE
1
INTRODUCTION
Set-Top Boxes are growing very fast and they are becoming very popular in all Countries ei-
ther for satellite or cable decoding. Hence the market is asking for solutions having high cost
effectiveness, providing for good performances, low noise, small volumes at low cost. The
Quasi-resonant operation and the high flexibility of the L6565 make it a very suitable device,
able to satisfy all the requirements with only few external components.
The board has been designed with mixed technology components, both PTH and SMT. For
this reason some components are doubled, in accordance with their ratings.
25W QUASI-RESONANT FLYBACK CONVERTER FOR
SET-TOP BOX APPLICATION USING THE L6565
This document describes a reference design of a 25W Switch Mode Power Supply
dedicated to Set-Top Box application. The board accepts full range input voltage (90 to
265Vrms) and delivers 5 outputs. It is based on the new controller L6565, working in
variable frequency mode.
AN1376/0904
Rev. 2


Similar Part No. - AN1376

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
AN137 SILABS-AN137 Datasheet
380Kb / 36P
LITHIUM ION BATTERY CHARGER USING C8051F300
logo
List of Unclassifed Man...
AN1375-521P ETC1-AN1375-521P Datasheet
39Kb / 1P
AN0625-521P
logo
STMicroelectronics
AN1379 STMICROELECTRONICS-AN1379 Datasheet
264Kb / 10P
Z01 and ACS behavior compared under fast voltage transients
22-Jun-2010
More results

Similar Description - AN1376

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
STR-G6651 ALLEGRO-STR-G6651 Datasheet
175Kb / 8P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATOR
STRF6626 ALLEGRO-STRF6626 Datasheet
281Kb / 16P
OFF-LINE QUASI-RESONANT FLYBACK SWITCHING REGULATORS
February 22, 2000
A4401KL-T ALLEGRO-A4401KL-T Datasheet
416Kb / 17P
Automotive Quasi-Resonant Flyback Control IC
logo
ON Semiconductor
NCP1342 ONSEMI-NCP1342 Datasheet
882Kb / 41P
High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
logo
Cirrus Logic
CRD1610-8W CIRRUS-CRD1610-8W Datasheet
1Mb / 24P
Quasi-resonant Flyback with Constant-current Output
CRD1611-8W CIRRUS-CRD1611-8W Datasheet
1Mb / 25P
Quasi-resonant Flyback with Constant-current Output
logo
ON Semiconductor
NCP1343 ONSEMI-NCP1343 Datasheet
705Kb / 42P
High Frequency Quasi- Resonant Flyback Controller
March, 2021 ??Rev. 2
NCP1342 ONSEMI-NCP1342_V01 Datasheet
1Mb / 43P
Quasi-Resonant Flyback Controller, High Frequency
May, 2022 - Rev. 24
NCP1343 ONSEMI-NCP1343_V01 Datasheet
782Kb / 43P
High Frequency Quasi- Resonant Flyback Controller
July, 2021 - Rev. 4
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com