Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 5Page - STMicroelectronics AN2708 Datasheet HTML 6Page - STMicroelectronics AN2708 Datasheet HTML 7Page - STMicroelectronics AN2708 Datasheet HTML 8Page - STMicroelectronics AN2708 Datasheet HTML 9Page - STMicroelectronics AN2708 Datasheet HTML 10Page - STMicroelectronics AN2708 Datasheet HTML 11Page - STMicroelectronics AN2708 Datasheet HTML 12Page - STMicroelectronics AN2708 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
AN2708
High-frequency ballast
9/42
C43
1 µF 20 V
SMD tantalum cap
C44,C45
100 nF 50 V
0805 SMD cap
C46
22 µF 20 V
SMD tantalum cap
C72
33 nF 50 V
0805 SMD cap
C73
68 pF 50 V
0805 SMD cap
DZ1,DZ2
15 V 0.5 W
Zener diode
D2,D13,D14
STTH1L06
STMicroelectronics ultrafast high voltage rectifier 1 A 600
V
D3,D4,D8,D1
1
1N4148
Small signal rectifier 200 mA 100 V
D5,D6,D7,D9
, D10,D61
BAT46 DO 35
STMicroelectronics small signal Schottky diode
D12
18 V 0.5 W
Zener diode
D15
1N4007 1 A 1000 V
General purpose rectifier
D16
MB2S 0.5 A 200 V
SMD bridge rectifier
D17
BAS16
Small signal diode
D18
BZX284C 2V7
0.5 W Zener diode
FUSE
4 A 250 V
Radial fuse
J1
Input 250 V connector
3-way PCB screw terminal, 5.08 mm
J2
Ballast-slave
connector
7-way strip line socket
J3
Dali Bus
2-way vertical PCB header, 3.81 mm pitch
J4
Ballast-slave connector
7-way strip line connector
J5
ICP connector
10-way 2-row vertical through-hole boxed header
J13
4-way strip line socket
J14
4-way strip line connector
Lamp 1
Lamp connector
4-way PCB screw terminal, 5.08 mm
Lamp 2
Lamp connector
4-way PCB screw terminal, 5.08 mm
LD1
LS M67K-H2L1-1
2 mA red LED SMD 0805
LD2
LG M67K-G1J2-24
2 mA green LED SMD 0805
L1,L2
1.8 mH
Choke inductor 2.62 mm gap, 267 turns (AWG40);
E25x13x7
L3
1.8 mH 95 mA
Epcos BC series Axial inductor
L4
680 µH 240 mA
Epcos LBC series Axial inductor
NTC
15
Ω at 25 °C 3 A
Inrush current suppressor
Q1,Q2,Q3
STP8NM50 TO220
STMicroelectronics N-CHANNEL 550 V 0.7
Ω - 8 A
MDmesh MOSFET
Table 3.
Ballast bill of material (continued)
Reference
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com