Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 29Page - STMicroelectronics AN2708 Datasheet HTML 30Page - STMicroelectronics AN2708 Datasheet HTML 31Page - STMicroelectronics AN2708 Datasheet HTML 32Page - STMicroelectronics AN2708 Datasheet HTML 33Page - STMicroelectronics AN2708 Datasheet HTML 34Page - STMicroelectronics AN2708 Datasheet HTML 35Page - STMicroelectronics AN2708 Datasheet HTML 36Page - STMicroelectronics AN2708 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
AN2708
DALI master AC-DC adapter
33/42
power IC is powered by the auxiliary winding of the transformer via the diode D31. No spike
killer for the auxiliary voltage fluctuations is needed thanks to the wide range of the Vdd pin
(9-38 V). The primary current is measured using the integrated current sensing for current
mode operation.
The output rectifier D29 has been chosen in accordance with the maximum reverse voltage
and power dissipation. In particular a 1 A - 150 V power Schottky, type STPS1150, has
been selected.
The output voltage regulation is performed by secondary feedback on the 20 V output while
the 5 V output, is linearly post-regulated from the 20 V output. This operation is performed
by a low drop voltage regulator, L78L05CZ, in the TO92 package. The feedback network
consists of a programmable voltage reference, TL431, driving an optocoupler which ensures
the required insulation between the primary and secondary sections. The optotransistor
drives directly the VIPer12A-E feedback pin which controls the operation of the IC.
A small LC filter has been added on the 20 V output in order to reduce the high frequency
ripple with reasonable output capacitor value.
The flyback transformer is a layer type based on the EF13 core and Fi 324 ferrite,
manufactured by Vogt, and ensures safety insulation in accordance with the EN60950.
Figure 26 shows the main features of the transformer. The power supply has been
implemented on a double-sided 35 µm PCB in FR-4, sizing 81 x 37 mm.
Figure 23.
Adapter schematic
1
2
J17
Input 250V Con
R98
150K
R96
33K
C65
10nF
U17
PC817
3
U19
TL431
C64
100nF
R99
4.7K
50V
50V
50V
VIN
3
VOUT
1
U16
L78L05CZ
1
2
9
6
4
5
T3
SL 060 918 11 01
+
C62
2.2uF
C58
470pF
1
2
3
J10
Supply Voltage
R92
56K
400V
400V
D30
STTH1L06
L8
100uH 600mA
35V
NTC2
10R @ 25°
FUSE2
0.5A
+
C56
2.2uF
+
C57
2.2uF
L9
1mH 130mA
R94
10R
35V
D29
STPS1150
+
C59
150uF
R97
10K
1kV
+
C60
22uF
+
C63
10uF
U18
VIPer12A
20V@100mA
C61
2.2nF Y 1
5V@10mA
D31
1N4148
T1: SMT
- EF12.6/3.7core, Fi324 f errite
- 0.16mm gap f or 2mH primary inductance
- Primary : 135 turns (0.14mm-AWG35)
- Secondary : 28 turns (0.36mm-AWG27)
- Auxiliary : 21 turns (0.05mm-AWG44)
1
3
BRIDGE2
DF06
R93
560R
R95
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com