Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 17Page - STMicroelectronics AN2708 Datasheet HTML 18Page - STMicroelectronics AN2708 Datasheet HTML 19Page - STMicroelectronics AN2708 Datasheet HTML 20Page - STMicroelectronics AN2708 Datasheet HTML 21Page - STMicroelectronics AN2708 Datasheet HTML 22Page - STMicroelectronics AN2708 Datasheet HTML 23Page - STMicroelectronics AN2708 Datasheet HTML 24Page - STMicroelectronics AN2708 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
AN2708
High-frequency ballast
21/42
2.2.4
Verification of lamp status
This function detects a lamp disconnection or a lamp failure on the slave board. The
microcontroller performs a double check: one on the PB1 pin for the lamp hardware status
and one on the flag "LAMP_ARC_POWER_ON" for the lamp software status. If the PB1
logical level is low and the flag is true, lamp disconnection happened. The condition is
recorded on ST7FDALI, so when the microcontroller receives a "query frame" from the
master, it changes the PB3 (EN1) and PB4 (EN2) configuration from input to output, and
sends a byte answer as 'STATUS INFORMATION' described below:
●
bit 0 status of ballast; '1'= NOK
●
bit 1 Lamp failure; '1'= NOK
●
bit 2 Lamp arc power on; '0' = OFF
●
bit 3 Query: Limit Error; '0' = Last requested arc power level is between MIN..MAX
LEVEL or OFF
●
bit 4 Fade ready; '0' = fade is ready; '1' = fade is running
●
bit 5 Query: 'RESET STATE'? '0' = 'No'
●
bit 6 Query: Missing short address? '0' = 'No'
●
bit 7 Query: 'POWER FAILURE'? '0' = 'No'; 'RESET' or an arc power control command
has been received after last power-on
When the master receives this frame, it displays the lamp status by means of two LEDs
(green stands for ok, red for status not ok). Once the failure condition has been detected
and solved, an "ON" command has to be sent to the slave, allowing the master's
microcontroller to toggle again the LED status from red to green. From the analog side, to
detect a disconnection or a failure event for each lamp, two signal Schottky diodes have
been used to bias the EN1 or EN2 pin of L6574. The failure condition is detected both at
startup and when running.
The forward and backward frame timing is shown in Figure 12 and 13:
Figure 12.
Forward frame timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com