Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 17 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 13Page - STMicroelectronics AN2708 Datasheet HTML 14Page - STMicroelectronics AN2708 Datasheet HTML 15Page - STMicroelectronics AN2708 Datasheet HTML 16Page - STMicroelectronics AN2708 Datasheet HTML 17Page - STMicroelectronics AN2708 Datasheet HTML 18Page - STMicroelectronics AN2708 Datasheet HTML 19Page - STMicroelectronics AN2708 Datasheet HTML 20Page - STMicroelectronics AN2708 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
AN2708
High-frequency ballast
17/42
Figure 7.
DALI protocol brightness values
To avoid the presence of stationary waves along the tubes at minimum dimming level, a
resistor of 100 k
Ω / 2 W has been placed in parallel to the battery capacitor of each lamp.
The resistance value ensures an additional current of 2 mA on the cathodes without
affecting the ballast efficiency.
Finally, during the startup sequence the frequency always goes from fmax to fmin,
independently of the set dimming level. Only after lamp turn-on does the frequency move
towards higher values.
2.2.2
Supply section
To supply the DALI slave microcontroller an AC-DC buck converter based on the
VIPer12A-E and L78L05 has been implemented on the ballast board. It converts the
rectified and filtered mains to a 5 V regulated output voltage dedicated to the
microcontroller. The converter works in discontinuous current mode adjusting the duty cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com