Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 9Page - STMicroelectronics AN2708 Datasheet HTML 10Page - STMicroelectronics AN2708 Datasheet HTML 11Page - STMicroelectronics AN2708 Datasheet HTML 12Page - STMicroelectronics AN2708 Datasheet HTML 13Page - STMicroelectronics AN2708 Datasheet HTML 14Page - STMicroelectronics AN2708 Datasheet HTML 15Page - STMicroelectronics AN2708 Datasheet HTML 16Page - STMicroelectronics AN2708 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
AN2708
High-frequency ballast
13/42
The PFC preregulator performances are shown in the following graphs:
Figure 4.
PFC performances at 230 Vac-50 Hz
Table 6.
L6562 biasing circuitry design equations
Pin 1 (INV)
Pin 2 (COMP)
Pin 3 MULT
Pin 4 (CS)
A RC-C network is
placed between this
pin and pin 1, leading
to a low crossover
frequency (some tens
of hertz) as well as to
an adequate phase
margin.
A small capacitor of 10 nF
filters the signal on MULT pin.
Pin 5 (ZCD)
Pin 6 (GND)
Pin 7 (GD)
Pin 8 Vcc
IC ground. As a layout
hint, this pin has to be
kept separated from
power ground. All the
IC signals have to be
referred to this pin.
Gate driver.
A "bleeder" resistor between
the gate and the source is
used to avoid undesired
switch-on, without affecting
the power consumption.
The supply voltage is
provided by a capacitive
power supply connected to
the half-bridge inverter.
∆OVP
R
high
40
10
6
–
⋅⋅
=
V
out
2.5
R
high
R
low
+
()
R
low
-------------------------------------------
⋅
=
Rlow
V
MULTpkx
250
10
6
–
⋅
--------------------------------
2.5
250
10
6
–
⋅
------------------------------
=
=
R
low
R
low
R
high
+
--------------------------------------
2.5
2V
inrmsmax
⋅
------------------------------------------------
=
R
sense
1.65
2.5
V
inrmsmin
V
inrmsmax
---------------------------------
⋅
⎝⎠
⎜⎟
⎛⎞
⋅
22
I
inrms
⋅⋅
-------------------------------------------------------------------------
≤
Pd
Rs
I
2
Qrms
⋅
=
m
Vout
2
V
inrmsmax
⋅
–
()
2.1
1.15
⋅
------------------------------------------------------------------------
=
R6
Vout
2
V
inrmsmin
⋅
–
()
m3
10
3
–
⋅⋅
-----------------------------------------------------------------------
≥
R
start
V
inrmsmin
2
⋅
I
startup
----------------------------------------------
=
CH1 (yellow): rectified input voltage
CH2 (blue): input current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com