Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 7Page - STMicroelectronics AN2708 Datasheet HTML 8Page - STMicroelectronics AN2708 Datasheet HTML 9Page - STMicroelectronics AN2708 Datasheet HTML 10Page - STMicroelectronics AN2708 Datasheet HTML 11Page - STMicroelectronics AN2708 Datasheet HTML 12Page - STMicroelectronics AN2708 Datasheet HTML 13Page - STMicroelectronics AN2708 Datasheet HTML 14Page - STMicroelectronics AN2708 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
AN2708
High-frequency ballast
11/42
Note:
Resistors are 0.25 W unless specified. Q1, Q2 &Q3 are mounted with 8 °C/W heatsink.
2.1
PFC converter
This block allows drawing a quasi-sinusoidal current from the mains, in phase with the line
voltage in order to get a PF very close to 1 (more than 0.99).
To achieve such high PF the boost topology is implemented because of the advantages it
offers:
●
Minimum number of external components, thus making it a low-cost solution
●
Low input di/dt thus minimizing the noise generated at the input and, therefore, the
requirements on the input EMI filter
●
The switch is source-grounded, therefore is easy to drive
However, boost topology requires the DC output voltage (400 Vdc) to be higher than the
maximum expected line peak voltage.
ST's L6562 has been used as the driver. It implements a transition mode control (fixed ON
time, variable frequency), that, for such output power, is preferred to the fixed frequency
average current mode being simpler and cheaper. The circuit operates on the boundary
between continuous and discontinuous current mode.
Besides providing good results in terms of power factor, this IC considerably reduces the
Total Harmonic Distortion (THD) as it reduces the conduction dead-angle that occurs to the
AC input current near the zero-crossings of the line voltage.
R100
68 k
Ω
1% SMD resistor 0805
R24_1,R24_
2
680 k
Ω
Resistor
R30_1,R30_
2
100 k
Ω
2 W resistor
T1
Transformer
Choke boost inductor (ITACOIL E2543/E)
U1
L6562N
STMicroelectronics transition-mode PFC controller
U2
L6574
STMicroelectronics ballast driver
U7
LE50CZ TO-92
STMicroelectronics very low drop voltage regulators
U8
VIPer12A-E DIP8
STMicroelectronics offline SMPS primary IC 730 V 0.4 A
27R
U9,U10
SFH6156-2
Optocoupler
U11
ST7FDALIF2M6 SO20
STMicroelectronics
8-bit MCU with single voltage Flash memory, data
EEPROM, ADC, timers, SPI, DALI
Table 3.
Ballast bill of material (continued)
Reference
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com