Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 12Page - STMicroelectronics AN2708 Datasheet HTML 13Page - STMicroelectronics AN2708 Datasheet HTML 14Page - STMicroelectronics AN2708 Datasheet HTML 15Page - STMicroelectronics AN2708 Datasheet HTML 16Page - STMicroelectronics AN2708 Datasheet HTML 17Page - STMicroelectronics AN2708 Datasheet HTML 18Page - STMicroelectronics AN2708 Datasheet HTML 19Page - STMicroelectronics AN2708 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
High-frequency ballast
AN2708
16/42
possible to modulate the output power in order to allow dimming by varying the switching
frequency.
The ballast operating frequencies determine the L6574 biasing circuitry as explained in
AN993 "Electronic Ballast With PFC Using L6574 and L6561" and as summarized below.
2.2.1
Lamp dimming
In this system the lamps are dimmed down to 5% by interfacing the ST7FDALI
microcontroller with the analog driver L6574.
A PWM output of the ST7FDALI microcontroller is used to generate a 0-5 V PWM at 4 kHz.
Its integrated value gives the op amp voltage reference. The dimming level is set by varying
the PWM duty cycle from 70% (100% dimming) to 14% (5% dimming). This modification
allows changing the L6574 op-amp positive reference voltage from 120 mV to 20 mV which
increases the switching frequency and reduces the current in the load.
On the slave unit the duty cycle values have been calculated according the DALI protocol
brightness values, listed in Figure 7.
Table 8.
L6574 biasing circuitry design equations for operating conditions
Pin 1 (CPRE)
Pin 2 (RPRE)
Pin 3 (CF)
Pin 4 (RIGN)
Pin 5 (OPOUT)
A capacitor is connected
between this pin and OPIN-
for the current feedback loop
compensation. It set also the
turn on delay in a dimming
application.
T
ph
1.5
C
PRE
⋅
=
T
sh
K
PRE
10
-----------------
C
PRE
⋅
=
fph
frun
–
1.41
R
PRE
Cf
------------------------
=
frun
1.41
RignCf
--------------------
=
frun
1.41
RignCf
--------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com