Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 20Page - STMicroelectronics AN2708 Datasheet HTML 21Page - STMicroelectronics AN2708 Datasheet HTML 22Page - STMicroelectronics AN2708 Datasheet HTML 23Page - STMicroelectronics AN2708 Datasheet HTML 24Page - STMicroelectronics AN2708 Datasheet HTML 25Page - STMicroelectronics AN2708 Datasheet HTML 26Page - STMicroelectronics AN2708 Datasheet HTML 27Page - STMicroelectronics AN2708 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
DALI master unit
AN2708
24/42
3
DALI master unit
The ST2C334J4 microcontroller is used as master, implementing the DALI Peripheral via
software.
The communication master-slave uses a 20 V bus. To adapt the TTL level of the
microcontroller to the communication bus level, two opto-couplers and a NPN transistor BC-
817 have been used.
The RS232 interface with ST232C is available on the board to implement the SCI
communication as an option. This option expects the use of a PC to address the ballast
either with broadcast or group or single mode thanks to a GUI called (DALI Power Control).
The DALI master unit has been thought of as a standalone solution. In fact it is provided
with a keyboard to manage the DALI commands, to address the slaves and to display the
lamps’ status.
The keyboard is made up of 16 push buttons controlled by means of a matrix
representation. In particular the first four pins of PORTD are associated to the rows and the
first four pins of PORTB to the columns.
The check of the keyboard is implemented as a loop mode by clearing the PDDR register
port and setting the PBDR register port sequentially. When a button is pressed, the pin of
the port B corresponding to the interested column goes down and this condition is taken
over by an interrupt condition. Inside the interrupt routine, a read procedure of the port
registers PDDR and PBDR is expected and by this information the pressed button is
acknowledged. The “press button” procedure is described by Figure 17 and 18.
Figure 17.
Polling keyboard
CH1 (yellow): row polling
CH2 (purple): column level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com