Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 25Page - STMicroelectronics AN2708 Datasheet HTML 26Page - STMicroelectronics AN2708 Datasheet HTML 27Page - STMicroelectronics AN2708 Datasheet HTML 28Page - STMicroelectronics AN2708 Datasheet HTML 29Page - STMicroelectronics AN2708 Datasheet HTML 30Page - STMicroelectronics AN2708 Datasheet HTML 31Page - STMicroelectronics AN2708 Datasheet HTML 32Page - STMicroelectronics AN2708 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
AN2708
Basics of DALI
29/42
4
Basics of DALI
DALI stands for "Digital Addressable Lighting Interface". It is a standard interface for lighting
control solutions, defined by the main lighting manufacturers and standardized as IEC 929.
The DALI protocol is implemented on a master-slave architecture.
It uses the bi-phase Manchester asynchronous serial data format. All the bits of the frame
are bi-phase encoded except the two stop bits. Following are some of the standard features:
●
Transmission rate at 1.2 kHz.
●
Bi-phase bit period is 833.33 µS ±10%.
A forward frame consists of 19 bi-phase encoded bits:
–
1 start bit (0->1: logical '1')
–
1 address byte (8-bit address)
–
1 data byte (8-bit data)
–
2 high level stop bits (no change of phase)
A backward frame consists of 11 bi-phase encoded bits:
–
1 start bit (0->1: logical '1')
–
1 data byte (8-bit data)
–
2 high level stop bits (no change of phase)
Each frame has 2 stop bits which do not contain any change of phase.
The setting time between two subsequent forward frames is 9.17 ms (minimum), while the
delay between forward and backward frame goes from 2.92 ms to 9.17 ms. If a backward
frame has not been started after 9.17 ms, this is interpreted as "no answer".
In the event of code violation, the frame is ignored and the system is ready again for data
reception.
The main advantages of the DALI system can be summarized as follows:
●
Simple wiring: all of the units in the system are interconnected using a simple five-core
cable.
Figure 20.
Cable wiring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com