Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 10Page - STMicroelectronics AN2708 Datasheet HTML 11Page - STMicroelectronics AN2708 Datasheet HTML 12Page - STMicroelectronics AN2708 Datasheet HTML 13Page - STMicroelectronics AN2708 Datasheet HTML 14Page - STMicroelectronics AN2708 Datasheet HTML 15Page - STMicroelectronics AN2708 Datasheet HTML 16Page - STMicroelectronics AN2708 Datasheet HTML 17Page - STMicroelectronics AN2708 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
High-frequency ballast
AN2708
14/42
2.2
Half-bridge inverter and ballast
A voltage fed series resonant half-bridge inverter has been implemented to drive the tubes.
This topology allows to easily operates in zero-voltage switching (ZVS) resonant mode,
heavily reducing the transistor switching losses and the electromagnetic interference. In
addition it guarantees design simplicity and low cost.
A parallel configuration has been chosen for the output stage. The half-bridge inverter
operating conditions and the ballast design have been obtained by assuming, for each lamp,
the following basic model:
Figure 5.
Lamp ballast model
To increase the life time of the lamps a current mode preheat was preferred. The preheating
current brings the cathodes to the correct temperature, then a high voltage ignites the lamp
and finally the correct current guarantees the running power. These phases are ensured by
changing the frequency of the input voltage and properly selecting VIN, L and C. During
preheating and ignition, the lamp is not conducting and the circuit is reduced to a series L-C.
During running, the lamp is conducting and the circuit is an L in series with a parallel R-C. To
determine the optimum values for L and C and to calculate the ballast operating frequencies
the transfer functions for each mode of operation have to be inspected.
The table below shows the parameters and the values for a T8 36 W tube lamp which need
to be known in order to calculate the ballast operating conditions.
Table 7.
Lamp parameters
Parameter
Value
Input DC bus voltage: Vdc
400 V
Preheat current: Iph
0.6 A
Preheat time: Tph
1 sec
Max preheat voltage: Vphmax
300 Vpk
Ignition voltage: Vign
800 Vpk
Running lamp power: Prun
34 W
Running lamp voltage: Vrun
144 Vpk
Expected efficiency:
η
95%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com