Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 8Page - STMicroelectronics AN2708 Datasheet HTML 9Page - STMicroelectronics AN2708 Datasheet HTML 10Page - STMicroelectronics AN2708 Datasheet HTML 11Page - STMicroelectronics AN2708 Datasheet HTML 12Page - STMicroelectronics AN2708 Datasheet HTML 13Page - STMicroelectronics AN2708 Datasheet HTML 14Page - STMicroelectronics AN2708 Datasheet HTML 15Page - STMicroelectronics AN2708 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
High-frequency ballast
AN2708
12/42
The basic design specifications are listed in Table 4.
For reference, it is useful to define also the following quantities:
●
Input power: Pi (= Po /
η) ≈ 80 W
●
Maximum mains RMS current: Iirms (= Pi/Virms(min))
≈ 1 A
●
Rated output current: Io (= Po/Vo)
≈ 0.2 A
The design guidelines are deeply explained in AN966 ("L6561, enhanced transition mode
power factor corrector"), AN1757 ("Switching from the L6561 to the L6562) and AN1089
("control loop model of L6561-based TM PFC"). The main design formulas are summarized
as follows inTable 5.
Table 4.
PFC operating conditions
Parameter
Value
Mains voltage range: Virms(min) - Virms(max)
90 – 265 Vac
Regulated DC output voltage: Vo
400 Vdc
Rated output power: Po
75 W
Minimum switching frequency: fsw
35 kHz
Maximum output voltage ripple:
∆Vo
< ± 10 V
Maximum overvoltage admitted:
∆VOVP
60 V
Expected efficiency:
ηPFC
> 90 V
Table 5.
Power stage design equations
Input capacitor (C1)
Boost inductor
Power MOSFET (Q1)
Boost diode (D1)
where
where
where
Output capacitor (C6)
C1
Irms
2
π fsw r Vinrmsmin
⋅⋅
⋅
------------------------------------------------------------------------
=
r
0.01
0.1
÷
=
L
V
2
irms
Vo
2
Virms
⋅
–
()
⋅
2f
sw
Pi
Vo
⋅⋅
⋅
------------------------------------------------------------------------------
=
Volume
4K
L
I
2
irms
⋅⋅
≥
K1410
3
–
Ie
Igap
-------------
⋅⋅
≅
Pcu
4
3
---
I
2
irms
Rcu
⋅
⋅
=
BV
DSS
Vo
∆V
OVP
Vm
in
arg
++
=
Pon
I
2
Qrms
R
DS on
()
⋅
=
I
Qrms
2 2
Iirms
1
6
---
42
9
π
-----------
Virms
Vo
-----------------
⋅
–
⋅
⋅
=
Pcross
Vo
Iirms
t
fall
f
sw
⋅⋅
⋅
=
Pcap
3.3Coss
V
1.5
drain
1
2
--- Cd
V
2
drain
⋅
+
⋅
⎝⎠
⎛⎞
f
sw
⋅
=
V
RRM
1.2
Vo
⋅
=
I
F
3Io
⋅
=
P
losses
V
T
I
DC
Rd
I
2
rms
⋅
+
⋅
=
C6
Po
4
π fVo ∆Vo
⋅⋅
⋅
--------------------------------------------------
≥



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com