Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 41 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 34Page - STMicroelectronics AN2708 Datasheet HTML 35Page - STMicroelectronics AN2708 Datasheet HTML 36Page - STMicroelectronics AN2708 Datasheet HTML 37Page - STMicroelectronics AN2708 Datasheet HTML 38Page - STMicroelectronics AN2708 Datasheet HTML 39Page - STMicroelectronics AN2708 Datasheet HTML 40Page - STMicroelectronics AN2708 Datasheet HTML 41Page - STMicroelectronics AN2708 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
AN2708
References
41/42
6
References
1.
"L6561, enhanced transition mode power factor corrector" (AN966)
2.
"Switching from the L6561 to the L6562" (AN1757)
3.
"Control loop modelling of L6561-based TM PFC" (AN1089)
4.
"Electronic Ballast With Pfc Using L6574 And L6561" (AN993)
5.
"Choosing A Dali Implementation Strategy With ST7DALI" (AN1756)
6.
"Hardware Implementation for ST7DALI-EVAL" (AN1900)
7
Revision history
Figure 42.
Conducted emissions at 230 Vac
50 Hz - full load - line 1 peak
detector
Figure 43.
Conducted emissions at 230 Vac
50 Hz - full load - line 2 peak
detector
01:53:40 Apr 10, 2007
Ref 75 dB
µV#Atten 10 dB
Peak
Log
10
dB/
W1 S2
S3 FC
AA
Start 150 kHz
Res BW 9 kHz
VBW 30 kHz
Stop 30 MHz
Sweep 881.3 ms (2115 pts)
01:54:24 Apr 10, 2007
Ref 75 dB
µV#Atten 10 dB
Peak
Log
10
dB/
W1 S2
S3 FC
AA
Start 150 kHz
Res BW 9 kHz
VBW 30 kHz
Stop 30 MHz
Sweep 881.3 ms (2115 pts)
Table 13.
Document revision history
Date
Revision
Changes
07-Mar-2008
1
Initial release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com