Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 28Page - STMicroelectronics AN2708 Datasheet HTML 29Page - STMicroelectronics AN2708 Datasheet HTML 30Page - STMicroelectronics AN2708 Datasheet HTML 31Page - STMicroelectronics AN2708 Datasheet HTML 32Page - STMicroelectronics AN2708 Datasheet HTML 33Page - STMicroelectronics AN2708 Datasheet HTML 34Page - STMicroelectronics AN2708 Datasheet HTML 35Page - STMicroelectronics AN2708 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
DALI master AC-DC adapter
AN2708
32/42
5
DALI master AC-DC adapter
This is an offline wide-range double-output SMPS based on the VIPer12A-E. The first
output, 20 V at 100 mA, is dedicated to the bus communication allowing to address up to 64
slaves, while the second one delivers 5 V at 10 mA to the MASTER DALI microcontroller
thanks to a linear post-regulator.
The VIPer12A-E combines on the same silicon chip a dedicated current mode PWM
controller, a high voltage power MOSFET and the protection features (thermal, overcurrent,
and overvoltage) which increases the converter reliability and saves size, parts count and
cost.
The converter topology is an isolated flyback designed to work in discontinuous current
mode according to the following specifications:
5.1
Adapter description
The schematic of the board is shown in Figure 23.
The AC input is rectified by the diodes bridge and then filtered by the bulk capacitor C1, and
C2 to generate the high voltage DC.
The input EMI filter is a simple CLC PI filter for both differential and common mode noise
suppression.
An NTC limits the inrush current and ensures a reliable operation of the bridge at startup.
The switching frequency is fixed at 60 kHz by the IC internal oscillator allowing optimization
of the transformer size and cost. An RCD snubber circuit (R92, C59, D30) reduces the
leakage inductance voltage spike and the voltage ringing on the drain pin of VIPer12A-E.
As soon as the voltage is applied on the input of the converter the high voltage startup
current source connected to the drain pin is activated and starts to charge the Vdd capacitor
C8 by a constant current of 1mA. When the voltage across this capacitor reaches the Vddon
threshold (about 14 V) the VIPer12AS-E starts to switch. During normal operation the smart
Table 11.
SMPS operating conditions
Parameter
Value
Input voltage range
90 – 265 Vac
Input frequency range
50/60 Hz
Output voltage 1
V1=20 V
Output voltage 2
V2=5 V
Output current 1
I1=100 mA
Output current 2
I2=10 mA
Output power (peak)
2.2 W
Line regulation
+/- 1%
Load regulation
+/- 1%
EMI
EN55015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com