Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 24Page - STMicroelectronics AN2708 Datasheet HTML 25Page - STMicroelectronics AN2708 Datasheet HTML 26Page - STMicroelectronics AN2708 Datasheet HTML 27Page - STMicroelectronics AN2708 Datasheet HTML 28Page - STMicroelectronics AN2708 Datasheet HTML 29Page - STMicroelectronics AN2708 Datasheet HTML 30Page - STMicroelectronics AN2708 Datasheet HTML 31Page - STMicroelectronics AN2708 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
DALI master unit
AN2708
28/42
Note:
Resistors are 0.25 W unless specified
SW2, SW3, SW4, SW5,
SW6, SW7, SW8, SW9,
SW10, SW11, SW12,
SW13, SW14, SW15,
SW16, SW17
Keyboard
THT button
U12
ST72C334J4B6
PSDIP42
STMicroelectronics
8-bit MCU with single voltage flash memory, Adc, 16-bit timers,
SPI, SCI interface
U13
ST232C SOP
STMicroelectronics 5 V powered multi-channel
RS-232 drivers and receivers
U14,U15
SFH6156-2
SMD Opto-coupler
Y1
16 MHz
Oscillator
Table 10.
Master unit bill of material (continued)
Reference
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com