Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 18Page - STMicroelectronics AN2708 Datasheet HTML 19Page - STMicroelectronics AN2708 Datasheet HTML 20Page - STMicroelectronics AN2708 Datasheet HTML 21Page - STMicroelectronics AN2708 Datasheet HTML 22Page - STMicroelectronics AN2708 Datasheet HTML 23Page - STMicroelectronics AN2708 Datasheet HTML 24Page - STMicroelectronics AN2708 Datasheet HTML 25Page - STMicroelectronics AN2708 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
High-frequency ballast
AN2708
22/42
Figure 13.
Backward frame timing
The forward as well as the backward frame duration is the same for all kinds of commands.
2.2.5
Ballast performances
In this section the main ballast waveforms are shown.
Figure 14.
Ballast startup at 230 Vac-full
power
Figure 15.
Lamps turn-on at 230 Vac-full
power
CH2 (blue): lamp current
CH3 (magenta): VCPRE
CH4 (green): supply voltage
CH1 (yellow): lamp1 voltage
CH2 (blue): lamp1 current
CH3 (magenta): lamp2 voltage
CH4 (green): lamp2 current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com