Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 14Page - STMicroelectronics AN2708 Datasheet HTML 15Page - STMicroelectronics AN2708 Datasheet HTML 16Page - STMicroelectronics AN2708 Datasheet HTML 17Page - STMicroelectronics AN2708 Datasheet HTML 18Page - STMicroelectronics AN2708 Datasheet HTML 19Page - STMicroelectronics AN2708 Datasheet HTML 20Page - STMicroelectronics AN2708 Datasheet HTML 21Page - STMicroelectronics AN2708 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
High-frequency ballast
AN2708
18/42
of the VIPer12A-E power switch in order to deliver the energy from the input to the output by
means of an inductor. PWM driver, power switch, thermal and overcurrent protection are
integrated in the same silicon chip ensuring minimum size and good performances at very
low cost.
Thanks to this implementation strategy the microcontroller is always supplied, allowing the
lamps to turn on, even when L6562 and L6574 are in a latched shutdown state.
The startup procedure is very important in an application that contains two different
sections. The ballast section starts before the PFC, avoiding any extra voltage at the PFC
section output, and consequently the L6562 OVP activation. This behavior is guaranteed
under all conditions because the VS turn-on threshold of L6574 is lower than that of the
L6562. The turn-on threshold is reached by a resistor chosen in order to ensure the startup
current of both the L6562 and the L6574. When the ballast section is running, the charge
pump (C11, R14, D3 and DZ1) supplies both the devices and the filter R17-C10 allows to
reduce the noise at Vcc.
2.2.3
Lamp turn-on and lamp turn-off
To get low-power consumption (less than 0.6 W) during the lamps’ turnoff state, both the
half-bridge and the PFC have to be disabled, even in the presence of the mains at the
ballast input. To manage this standby condition the L6574 control section and the L6562
ZCD pin are interfaced with the DALI slave microcontroller.
Short pulses (> 200 nsec) at the EN1 and EN2 inputs are recognized by the L6574. In
particular, EN1 high (> 0.6 V) stops all the half-bridge functions and puts the L6574 in a
latched shutdown state. At the same time, by forcing externally the ZCD pin to a voltage
below 150 mV, the L6562 is stopped. To cancel this status, in order to turn on the lamps, a
pulse (>0.6 V) is sent by the microcontroller to the L6574 second control pin EN2 and the
ZCD pin external pull down is removed. The half-bridge driver restarts the preheating and
ignition procedure, and the L6562 performs again its operation. The controls timing diagram
is shown in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com