Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 40 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 34Page - STMicroelectronics AN2708 Datasheet HTML 35Page - STMicroelectronics AN2708 Datasheet HTML 36Page - STMicroelectronics AN2708 Datasheet HTML 37Page - STMicroelectronics AN2708 Datasheet HTML 38Page - STMicroelectronics AN2708 Datasheet HTML 39Page - STMicroelectronics AN2708 Datasheet HTML 40Page - STMicroelectronics AN2708 Datasheet HTML 41Page - STMicroelectronics AN2708 Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 42 page
background image
DALI master AC-DC adapter
AN2708
40/42
5.3.6
Efficiency variation
For this test the efficiency is measured when the line input is varied from 85 Vac to
264 Vac at full load. The average efficiency is 66.5%. A moderate value is typical of low
power applications.
Figure 39.
Efficiency variations vs. input voltage at full load
5.3.7
Conducted emissions test
Conducted emissions have been measured in neutral and line wires, using peak detector
and considering the limits for lighting applications i.e. EN55015. The measurements have
been performed at 110 Vac and 230 Vac line with fully loaded outputs. The results are
shown in Figure 40, 41, 42, and 43.
Since the emission level is below both the quasi-peak and average limits with acceptable
margin, the power supply passes the pre-compliance test.
50
52.5
55
57.5
60
62.5
65
67.5
70
72.5
75
77.5
80
70
80
90
100
110
120
140
160
170
180
190
200
210
220
230
240
250
260
270
290
310
Input Voltage(Vac)
Efficiency
Figure 40.
Conducted emissions at 110 Vac
60 Hz - full load - line 1 peak
detector
Figure 41.
Conducted emissions at 110 Vac
60 Hz - full load - line 2 peak
detector
01:55:30 Apr 10, 2007
Ref 75 dB
µV#Atten 10 dB
Peak
Log
10
dB/
W1 S2
S3 FC
AA
Start 150 kHz
Res BW 9 kHz
VBW 30 kHz
Stop 30 MHz
Sweep 881.3 ms (2115 pts)
01:55:07 Apr 10, 2007
Ref 75 dB
µV#Atten 10 dB
Peak
Log
10
dB/
W1 S2
S3 FC
AA
Start 150 kHz
Res BW 9 kHz
VBW 30 kHz
Stop 30 MHz
Sweep 881.3 ms (2115 pts)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com