Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 31Page - STMicroelectronics AN2708 Datasheet HTML 32Page - STMicroelectronics AN2708 Datasheet HTML 33Page - STMicroelectronics AN2708 Datasheet HTML 34Page - STMicroelectronics AN2708 Datasheet HTML 35Page - STMicroelectronics AN2708 Datasheet HTML 36Page - STMicroelectronics AN2708 Datasheet HTML 37Page - STMicroelectronics AN2708 Datasheet HTML 38Page - STMicroelectronics AN2708 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
AN2708
DALI master AC-DC adapter
35/42
5.2
Adapter bill of material
Table 12.
Adapter bill of material
Reference
Value
Description
BRIDGE2
DF06M
1 A 600 V
Bridge rectifier
C56,C57
2.2 µF 400 V
Electrolytic cap
C58
470 pF 1 kV
Ceramic cap
C59
150 µF 35 V
Low ESR electrolytic cap
C60
22 µF
35 V
Low ESR electrolytic cap
C61
2.2 nF Y1
Y1 ceramic cap
C62
2.2 µF 25 V
Electrolytic cap
C63
10 µF
50 V
Electrolytic cap
C64
100 nF 50 V
Ceramic cap
C65
10 nF
50 V
Ceramic cap
D29
STPS1150
STMicroelectronics power Schottky rectifier 1 A 150 V
D30
STTH1L06
STMicroelectronics ultrafast high-voltage rectfifier 1 A 600 V
D31
1N4148
Small signal rectifier 200 mA 100 V
FUSE2
0.5 A
Radial fuse
J10
Supply voltage
3-way single row shrouded header
J11
Input 250 V connector
2-way PCB screw terminal, 5.08 mm
L8
100 µH 600 mA
Axial inductor
L9
1 mH 130 mA
Axial inductor
NTC2
10
Ω @ 25°
Inrush current suppressor
R92
56 k
Ω
Resistor, metal film 0.25 W
R93
560
Ω
Resistor, metal film 0.25W
R94
10
Ω
Resistor, metal film 0.25 W
R95
1 k
Ω
Resistor, metal film 0.25 W
R96
33 k
Ω
Resistor, metal film 0.25 W
R97
10 k
Ω
Resistor, metal film 0.25 W
R98
150 k
Ω
Resistor, metal film 0.25 W
R99
4.7 k
Ω
Resistor, metal film 0.25 W
T3
SL 060 918 11 01
VOGT SMT
U16
L78L05CZ TO92
STMicroelectronics positive voltage regulator
U17
PC817
Sharp Optocoupler 5 kV
U18
VIPer12A-E DIP8
STMicroelectronics offline SMPS primary IC 730 V 0.4 A 27
Ω
U19
TL431 TO92
STMicroelectronics programmable voltage reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com