Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 23Page - STMicroelectronics AN2708 Datasheet HTML 24Page - STMicroelectronics AN2708 Datasheet HTML 25Page - STMicroelectronics AN2708 Datasheet HTML 26Page - STMicroelectronics AN2708 Datasheet HTML 27Page - STMicroelectronics AN2708 Datasheet HTML 28Page - STMicroelectronics AN2708 Datasheet HTML 29Page - STMicroelectronics AN2708 Datasheet HTML 30Page - STMicroelectronics AN2708 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
AN2708
DALI master unit
27/42
Table 10.
Master unit bill of material
Reference
Value
Description
C47,C48,C50,C51,C52,
C53,C54
100 nF 50 V
Ceramic capacitor SMD 0805
C49
220 nF 50 V
Ceramic capacitor SMD 0805
C55
22 µF 25 V
Tantalum capacitor SMD
D19
BZX85C22
22 V 0.5 W Zener diode
D20
MB2S
SMD bridge rectifier
D21
BAS16
SMD diode
D22
BZ84C 2V7
2.7 V 0.5 W Zener SMD diode
D23,D25
LS M67K-H2L1-1
Red SMD LED 2 mA, 0805
D24,D26,D27,D28
LG M67K-G1J2-24
Green SMD LED 2 mA, 0805
J6
DALI BUS
2-way single row, header shrouded
J7
Supply voltage
3-way single row header shrouded
J8
ICP connector
10-way 2-row vertical through-hole boxed header, 2.54 mm
pitch/grid
J9
13-way strip line connector (not mounted)
J12
Pull-up jumper
3-way strip line connector
LD3
LS M67K-H2L1-1
Red SMD LED 2 mA, 0805
LD4
LG M67K-G1J2-24
Green SMD LED 2 mA, 0805
P1
Serial connector
9-way 90° PCB mount D plug
Q5
BC817-25
SMD NPN transistor
R73
0
Resistor SMD 1206
R77
0
Resistor SMD 0805
R74
220
Ω
1 W 5% resistor
R75,R76
10 k
Ω
1% resistor SMD 0805
R78
1.2 k
Ω
1% resistor SMD 0805
R79
11 k
Ω
1% resistor SMD 0805
R80,R81
1 k
Ω
Resistor SMD 0805
R82
4.7 k
Ω
Resistor SMD 0805
R83
330
Ω
1% Resistor SMD 0805
R84
4.7
Ω
1% Resistor SMD 0805
R85
3 k
Ω
1% Resistor SMD 0805
R86,R87,R88,R89,R90,
R91
1 k
Ω
Resistor SMD 0805
R101
10 k
Ω
Resistor SMD 0805
SW1
Reset
THT button



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com