Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2708 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2708
Description  2X36 W digital dimmable ballast with L6574 and ST7FDALI
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2708 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2708 Datasheet HTML 19Page - STMicroelectronics AN2708 Datasheet HTML 20Page - STMicroelectronics AN2708 Datasheet HTML 21Page - STMicroelectronics AN2708 Datasheet HTML 22Page - STMicroelectronics AN2708 Datasheet HTML 23Page - STMicroelectronics AN2708 Datasheet HTML 24Page - STMicroelectronics AN2708 Datasheet HTML 25Page - STMicroelectronics AN2708 Datasheet HTML 26Page - STMicroelectronics AN2708 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
AN2708
High-frequency ballast
23/42
Figure 16.
Lamps running at 230 Vac - full power
The efficiency of the system is a little bit lower than a standard HF ballast due to the supply
section of the slave and the resistors in series to the lamp’s cathode used to ensure a
minimum current at low dimming level.
Table 9.
Ballast performances
Vin (Vac)
Pin (W)
PF
THD (%)
Po (W)
η(%)
90
76.5
0.999
3.9
66
86.2
110
75.5
0.999
3.6
66
87.4
140
74.2
0.998
5.5
66
89
176
73.7
0.997
7.2
66
90
230
73
0.997
7.3
66
90
265
72.8
0.996
8.3
66
91
CH1 (yellow): lamp1 voltage
CH2 (blue): lamp1 current
Ch3 (magenta): lamp2 voltage
CH4 (green): lamp2 current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com