Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 5Page - STMicroelectronics AN2009 Datasheet HTML 6Page - STMicroelectronics AN2009 Datasheet HTML 7Page - STMicroelectronics AN2009 Datasheet HTML 8Page - STMicroelectronics AN2009 Datasheet HTML 9Page - STMicroelectronics AN2009 Datasheet HTML 10Page - STMicroelectronics AN2009 Datasheet HTML 11Page - STMicroelectronics AN2009 Datasheet HTML 12Page - STMicroelectronics AN2009 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
9/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
3.2 ST METHOD
With the ST Method, by using the free-wheeling diodes during the OFF time of the PWM
signal, the M potential is put to ground and the ST7MC microcontroller samples the BEMF
signal voltage during the OFF time of the PWM signal. This involves the fact that the PWM has
to be applied on the high side and that an OFF time is needed as explained in the next section
of this application note. However, fewer external components are required as it is no longer
necessary to divide and filter the signal coming from the non-powered winding. As shown in
Figure 6, only 3 external resistors are needed to limit the current input in the microcontroller
pins.
Figure 6. ST sensorless control Method
C
A
B
HV
T4
T1
T0
T3
T2
T5
D0
D2
D4
D3
D5
D1
Low
Side
outputs
High
Side
outputs
ST7FMC
Rotor
position
inputs
M
5V
internal
Vref
External
Vref
Level
Shifter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com