Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 16Page - STMicroelectronics AN2009 Datasheet HTML 17Page - STMicroelectronics AN2009 Datasheet HTML 18Page - STMicroelectronics AN2009 Datasheet HTML 19Page - STMicroelectronics AN2009 Datasheet HTML 20Page - STMicroelectronics AN2009 Datasheet HTML 21Page - STMicroelectronics AN2009 Datasheet HTML 22Page - STMicroelectronics AN2009 Datasheet HTML 23Page - STMicroelectronics AN2009 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
20/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
When the PWM signal is ON when using the Classic method, the voltage at the virtual ground
will be HV/2 divided and filtered and the voltage at point C will be (HV/2 + BEMF) divided and
filtered so the comparison can be done by the comparator in the microcontroller as it will stay
within the microcontroller supply voltage range (0 - Vdd) after division and filtering.
When the high side switch PWM is OFF, the current inside the motor continues to flow in the
same direction (Figure 13). While the switch is off, the current can only use the diode (D5 in
our example).
In this case the potential in A is the Von of the T3 switch, the potential in B is -Vf of D5 and the
potential at M is (Von-Vf)/2. It is close to zero because in most cases Von = Vf.
In this case the microcontroller can read the complete BEMF voltage referred to the ground
terminal on the phase C.
This is the configuration used for the ST method where the sampling of the BEMF signal is
only done during the Off time of the PWM signal. No dividers nor filters are needed externally
as we are looking at a signal that is close to the MCU ground level.
Note: This sampling method of the BEMF signal is also appropriate for the classic method. In
fact the sampling of the BEMF can be done either during ON or OFF time of the PWM for the
classic method.
Figure 13. PWM on high side: Current during OFF time
C
A
B
HV
T4
T1
T0
T3
T2
T5
PWM
PWM on T2
Free-wheeling
current during OFF TIME
0V
diode: D5
D0
D2
D4
D3
D5
D1
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com