Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 19 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 15Page - STMicroelectronics AN2009 Datasheet HTML 16Page - STMicroelectronics AN2009 Datasheet HTML 17Page - STMicroelectronics AN2009 Datasheet HTML 18Page - STMicroelectronics AN2009 Datasheet HTML 19Page - STMicroelectronics AN2009 Datasheet HTML 20Page - STMicroelectronics AN2009 Datasheet HTML 21Page - STMicroelectronics AN2009 Datasheet HTML 22Page - STMicroelectronics AN2009 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
19/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
5 MANAGEMENT OF PWM AND READING OF BEMF
Depending on the control method used to drive the motor, the PWM signal to detect the BEMF
zero voltage crossing signal can be applied in 2 ways:
– On the high side: During the step, the PWM is applied only on the high side switch, the low
side is ON during the complete step.
– On the low side: During the step, the PWM is applied only on the low side switch, the high
side is ON during the complete step.
In the ST7MC device, OE [5:0] bits in the MPAR register are used to define whether the cor-
responding outputs are in high or low side switch position. Then OO [5:0] bits in MPHST reg-
ister define if the channel is active or not and finally OS [2:0] bits in MCRB register distribute
the PWM on the active channels high or low side. Please refer to the product datasheet for the
motor control device in the channel manager section for more details or to Section 6 to see a
complete configuration.
Figure 12. Current during PWM ON time
5.1 PWM ON THE HIGH SIDE
When the related switches are ON, the current passes through the two switches and two
motor windings (these are switches T2 and T3 in the example in Figure 12).
The potential at point M is HV/2. If nothing is done, the BEMF can not be read by the ST7MC
because the voltage is too high to be read by the microcontroller.
Using the classic method, the BEMF is divided and filtered as is the rebuilt virtual ground and
so the BEMF zero-crossing event can be read when the PWM is ON on the high side switch.
The 2 switches T2 and T3 are ON
C
A
B
HV
T4
T1
T0
T3
T2
T5
HV
2
D0
D2
D4
D3
D5
D1
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com