Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 33 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 29Page - STMicroelectronics AN2009 Datasheet HTML 30Page - STMicroelectronics AN2009 Datasheet HTML 31Page - STMicroelectronics AN2009 Datasheet HTML 32Page - STMicroelectronics AN2009 Datasheet HTML 33Page - STMicroelectronics AN2009 Datasheet HTML 34Page - STMicroelectronics AN2009 Datasheet HTML 35Page - STMicroelectronics AN2009 Datasheet HTML 36Page - STMicroelectronics AN2009 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
33/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
– The potential of M is close to 2HV/3
Now depending on the switch we are going to apply the PWM signal ON, the demagnetization
time of winding C will be decreased and the end of demagnetization event will be accelerated
during this PWM signal OFF time. The goal is to apply the maximum reverse voltage on
winding C.
Figure 23. Acceleration of demagnetization during high side switch PWM off time
In our example, during step
Σ3 (switches T2-T1 are ON), the VMC voltage on the MC winding
was negative. At the beginning of step
Σ4 (switches T2-T3 are ON), the voltage on terminal C
will be tied to HV and the shortest demagnetization configuration is the one that provides the
lowest voltage at point M to apply the maximum reverse voltage and decrease the demagnet-
ization time.
It is easy to verify that the lowest voltage HV/3 is obtained when the PWM is applied only on
the high side switch T2. During the OFF time of this PWM signal, the voltage at point M is HV/
3 (configuration shown in Figure 23). Otherwise if the PWM signal is applied on the low side
switch T3, then during the OFF time of the PWM, the voltage at point M is HV. So, in this con-
figuration, the PWM signal has to be applied on the high side switch T2 after the commutation
event in order to accelerate the demagnetization time.
HV
T4
T1
T0
T3
T2
T5
C
A
B
PWM on T2
D0
D2
D4
D3
D5
D1
M
demagnetization
current
Normal mode
magnetization
current
Normal
current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com