Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 24 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 20Page - STMicroelectronics AN2009 Datasheet HTML 21Page - STMicroelectronics AN2009 Datasheet HTML 22Page - STMicroelectronics AN2009 Datasheet HTML 23Page - STMicroelectronics AN2009 Datasheet HTML 24Page - STMicroelectronics AN2009 Datasheet HTML 25Page - STMicroelectronics AN2009 Datasheet HTML 26Page - STMicroelectronics AN2009 Datasheet HTML 27Page - STMicroelectronics AN2009 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
24/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
to detect the BEMF. So, in that case OS1 bit can be set or reset. It depends mainly on the
application and on the user.
MPHST register bits OO[5:0] are used to put the corresponding output channel active or not.
This has to be configured each step over the repetition of the six steps.
PHASE STATE REGISTER (MPHST)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 5:0 =OO[5:0]*: Channel On/Off bits
These bits are used to switch channels on/off at the next commutation
0: Channel Off, the relevant switch is OFF, no PWM possible
1: Channel On the relevant switch is ON, PWM is possible
OO[5:0] Bit Meaning
* = Preload bits, new value taken into account at next C event
In addition to the PWM configuration flexibility, the ST7MC microcontroller features a dead
time generator embedded in the motor control peripheral. This is used mainly for the genera-
tion of the 3 sinewave 120° shifts for the drive of an AC induction 3-phase motor but it can be
used to perform “synchronous rectification” as explained in the next chapter when driving a
PM BLDC motor.
7
6
5
4
3
2
1
0
X
X
OO5*
OO4*
OO3*
OO2*
OO1*
OO0*
OO[5:0]
Output Channel State
0
Inactive
1
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com