Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 27Page - STMicroelectronics AN2009 Datasheet HTML 28Page - STMicroelectronics AN2009 Datasheet HTML 29Page - STMicroelectronics AN2009 Datasheet HTML 30Page - STMicroelectronics AN2009 Datasheet HTML 31Page - STMicroelectronics AN2009 Datasheet HTML 32Page - STMicroelectronics AN2009 Datasheet HTML 33Page - STMicroelectronics AN2009 Datasheet HTML 34Page - STMicroelectronics AN2009 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
31/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
Figure 20. Acceleration of demagnetization during low side switch PWM OFF time
In our example, during step
Σ4 (switches T2-T3 are ON), the VMB voltage on the MB winding
was positive. At the beginning of step
Σ5 (switches T4-T3 are ON), the voltage on terminal B
will be tied to 0V and the shortest demagnetization configuration is the one that provides the
highest voltage at point M to apply the maximum reverse voltage and decrease the demagnet-
ization time.
It is easy to verify that the highest voltage (2HV/3) is obtained when the PWM is applied only
on the low side switch T3. During the OFF time of this PWM signal (configuration shown in
Figure 20), the voltage at point M is 2HV/3. Otherwise if the PWM signal is applied on the high
side switch T4, then during the OFF time of the PWM signal, the voltage at point M is 0V. So,
in this configuration, the PWM signal has to be applied on the low side switch T3 after the com-
mutation event in order to accelerate the demagnetization time during the OFF time of this
PWM signal.
7.2 ACCELERATION OF DEMAGNETIZATION WHEN PWM IS APPLIED ON THE HIGH
SIDE SWITCH
Figure 21 shows step
Σ3 (switches T2-T1 are ON) with the normal current and the free-
wheeling current (dotted line) during the PWM OFF time of the high side switch T2.
A
C
B
HV
T4
T1
T0
T3
T2
T5
PWM
D0
D2
D4
D3
D5
D1
Normal
current
Demagnetization
current
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com