Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2009 Datasheet HTML 1Page - STMicroelectronics AN2009 Datasheet HTML 2Page - STMicroelectronics AN2009 Datasheet HTML 3Page - STMicroelectronics AN2009 Datasheet HTML 4Page - STMicroelectronics AN2009 Datasheet HTML 5Page - STMicroelectronics AN2009 Datasheet HTML 6Page - STMicroelectronics AN2009 Datasheet HTML 7Page - STMicroelectronics AN2009 Datasheet HTML 8Page - STMicroelectronics AN2009 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
2 SIX-STEP, 120° DRIVE AND PWM POWER CONTROL
To control a BLDC motor with the best efficiency, we have to know the rotor position at all
times. To achieve this there are two modes. One is called the sensor mode, where the infor-
mation read back from the motor is the one coming from Hall Effect sensors (1 per phase).
The other one is the sensorless mode, where the Back Electromotive Force (BEMF) signal in-
formation is the one read back from the motor. The strength of the ST7FMC is that it is com-
patible with all the modes to control a BLDC motor, whether it is sensorless or not and it is
even suitable with different variations within the sensorless or sensor modes which will be de-
tailed later on in this application note.
In sensorless mode, in order to be able to read the BEMF information, the phase switching has
to include a dead time during which no current flows in one of the motor windings.
As shown in Figure 4, in six-step, 120° drive, power is removed from each winding every three
steps. During this dead-time phase, it is possible to detect the BEMF zero-crossing event on
this non powered winding (see Figure 3 for an example).
In order to control the speed, the torque or the power applied to the motor, a PWM signal is
usually logically ANDed with the switch control signals. This control is implemented by modi-
fying the duty cycle of this logically ANDed PWM signal.
With this method, the BEMF voltage is referred to point M of the motor and not to ground. Be-
cause this point is at high voltage, the microcontroller cannot read its value directly.
Note: In sensor mode the six-step drive or the sinusoidal drive can be implemented as the
feedback signal comes independently from the Hall Effect sensor in the dedicated input of the
microcontroller. However, in six-step drive, the method will be exactly the same as the one de-
tailed for the sensorless mode. For the sensor sinusoidal mode, the PWM management is the
same as for the AC induction motor drive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com