Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 9Page - STMicroelectronics AN2009 Datasheet HTML 10Page - STMicroelectronics AN2009 Datasheet HTML 11Page - STMicroelectronics AN2009 Datasheet HTML 12Page - STMicroelectronics AN2009 Datasheet HTML 13Page - STMicroelectronics AN2009 Datasheet HTML 14Page - STMicroelectronics AN2009 Datasheet HTML 15Page - STMicroelectronics AN2009 Datasheet HTML 16Page - STMicroelectronics AN2009 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
13/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
Figure 9. Oscilloscope waveforms: Voltage Mode
Note: In speed regulation, the PWM duty cycle value only needs to be correct when starting
the motor. Once the target speed is reached, the PWM duty cycle will be adjusted automati-
cally by the ST7MC.
4.1.2 PWM signal register setting in Voltage mode
In voltage mode, the 12-bit timer is used to set the PWM signal.
Compare 0 registers:
The compare 0 high and low registers are for setting the frequency of the PWM.
COMPARE 0 PRELOAD REGISTER HIGH (MCP0H)
Read/Write (except bits 7:4)
Reset Value: 0000 1111 (0Fh)
Bits 7:4 = Reserved.
Bits 3:0 = CP0H[3:0] Most Significant Bits of Compare 0 preload value.
COMPARE 0 PRELOAD REGISTER LOW (MCP0L)
Read/Write
Reset Value: 1111 1111 (FFh)
Bits 7:0 = CP0L[7:0] Low byte of Compare 0 preload value.
7
0
-
-
-
-
CP0H3 CP0H2 CP0H1 CP0H0
7
0
CP0L7 CP0L6 CP0L5 CP0L4 CP0L3 CP0L2 CP0L1 CP0L0
1. Current in Phase A
2. Signal on High Side
Triple Half Bridge
Configuration
3. Current Limitation
4. Current Feedback
3. Current Limitation
Switch of Phase A on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com