Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 27 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 23Page - STMicroelectronics AN2009 Datasheet HTML 24Page - STMicroelectronics AN2009 Datasheet HTML 25Page - STMicroelectronics AN2009 Datasheet HTML 26Page - STMicroelectronics AN2009 Datasheet HTML 27Page - STMicroelectronics AN2009 Datasheet HTML 28Page - STMicroelectronics AN2009 Datasheet HTML 29Page - STMicroelectronics AN2009 Datasheet HTML 30Page - STMicroelectronics AN2009 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
27/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
Figure 17. Oscilloscope waveform: synchronous rectification 2
6.2 SYNCHRONOUS RECTIFICATION CONFIGURATION
When driving a PM BLDC motor (PCN bit is reset in MDTG register), the PWM applied to the
output channel depends if the motor is driven in voltage or current mode but the dead times
are applied in the same way regardless of the source of the PWM signal.
As soon as the dead time generator is activated (DTE bit is set in MDTG register), a comple-
mentary PWM is applied to the adjacent switch. The dead time value is set-up through the bits
DTG [5:0] in MDTG register. The range can go from 125ns to 16µs with steps of 125ns, 250ns
and 500ns when Fmtc is 16MHz.
Note: It is also possible to add a chopper on the PWM signal output using bits HFE[1:0] and
HFRQ[2:0] in the MREF register.
DEAD TIME GENERATOR REGISTER (MDTG)
Read/Write (except bits 5:0 write once-only)
Reset Value: 1111 1111 (FFh)
Bit 7 = PCN: Number of PWM Channels.
0: Only PWM U signal is output to the PWM manager for six-step mode motor control (e.g. PM
BLDC motors)
1: The three PWM signals U, V and W are output to the channel manager (e.g. for three-phase
sinewave generation)
7
0
PCN
DTE
DTG5
DTG4
DTG3
DTG2
DTG1
DTG0
3. signal on the adjacent switch,
1. Current Waveform in Phase A
2. signal on the high side switch
of phase A
rectification is enabled and a
the low side switch of phase A
when the synchronous
dead time is set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com