Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 31Page - STMicroelectronics AN2009 Datasheet HTML 32Page - STMicroelectronics AN2009 Datasheet HTML 33Page - STMicroelectronics AN2009 Datasheet HTML 34Page - STMicroelectronics AN2009 Datasheet HTML 35Page - STMicroelectronics AN2009 Datasheet HTML 36Page - STMicroelectronics AN2009 Datasheet HTML 37Page - STMicroelectronics AN2009 Datasheet HTML 38Page - STMicroelectronics AN2009 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 39 page
background image
35/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
8 CONFIGURATION EXAMPLE
This section gives a configuration example for a six-step 120° motor drive for a PM BLDC
motor in sensorless, current and autoswitched mode. The sensorless control method used
would be the ST method.
The configuration registers can be divided in two parts: Table 4 lists the configuration bits that
only need to be written once, Table 5 gives the step-dependent configuration bits. The regis-
ters in Table 2 must be updated within each commutation interrupt routine in order to select
the configuration for the next step.
Table 4. General Configuration Registers
Register
Value
Comments
7
6
5
4
3
2
1
0
MPAR
TES1 TES0 OE5
OE4
OE3
OE2
OE1
OE0
Outputs 0, 2, 4 are HIGH channels
Outputs 1, 3, 5 are LOW channels
0
0
1
0
1
0
1
0
MCRA
MOE CKE
SR
DAC V0C1 SWA
PZ
DCB
The motor runs in autoswitched
mode,
current mode, sensorless mode.
1
1
0
0
1
1
X
X
MCRB
Res
CPB HDM SDM OCV OS2
OS1
OS0
PWM after end of demagnetization:
on HIGH channels.
0
S
S
S
S
S
0
1
MCRC
OI
HZ
SZ
SC
SPLG VR2
VR1
VR0
Hardware Z event
Sampling at the end of PWM off time
0
1
0
0
0
X
X
X
MDTG
PCN DTE DTG5 DTG4 DTG3 DTG2 DTG1 DTG0
Only PWM U is output to the PWM
manager
No Dead time generator
0
0
0
0
0
0
0
0
MPHST
IS1
IS0
OO5
OO4 OO3 OO2 OO1 OO0
Input selection and output data
change at each step.
S
S
S
S
S
S
S
S
Notes:
- Bits marked with X depend on the motor and / or the application:
PZ depends on the noise present in the application,
DCB depends on the motor symmetry;
VR[2:0] bits depend on the noise level on the BEMF input pins.
- Bits marked with S have to be modified after each commutation (step dependent configuration). These
bits are summarized in Table 4. Those bits are taken in account only at the next commutation event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com