Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 31Page - STMicroelectronics AN2009 Datasheet HTML 32Page - STMicroelectronics AN2009 Datasheet HTML 33Page - STMicroelectronics AN2009 Datasheet HTML 34Page - STMicroelectronics AN2009 Datasheet HTML 35Page - STMicroelectronics AN2009 Datasheet HTML 36Page - STMicroelectronics AN2009 Datasheet HTML 37Page - STMicroelectronics AN2009 Datasheet HTML 38Page - STMicroelectronics AN2009 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
37/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
9 CONCLUSION
As seen in this document, the ST7MC with the features of its dedicated peripheral offers a lot
of combinations for the PWM management when driving a BLDC motor. Thanks to a high
hardware integration (both digital and analog) and a high flexibility of configuration through
dedicated registers, the PWM management can be fine-tuned and optimized to reach and
maintain the best efficiency of the motor whatever the control method.
This flexibility combined with the fact that the ST7MC family comes with the 8-bit ST7 core, a
very well known and stable core, and is offered in a wide range of packages (8Kbytes to
60Kbytes memory size Flash/ROM and from 32 pins to 80 pins) allow this part to be suitable
for all the motor control applications requiring a scalar motor control.
The associated development kit, ST7MC-KIT/BLDC, that is provided with full C libraries soft-
ware and reference hardware design allows you to get his application up and running in a min-
imum amount of time for a better “time to market”.
In conclusion, a good time to market, high performances and cost savings are the keys of a
successful design done with the ST7MC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com