Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 8Page - STMicroelectronics AN2009 Datasheet HTML 9Page - STMicroelectronics AN2009 Datasheet HTML 10Page - STMicroelectronics AN2009 Datasheet HTML 11Page - STMicroelectronics AN2009 Datasheet HTML 12Page - STMicroelectronics AN2009 Datasheet HTML 13Page - STMicroelectronics AN2009 Datasheet HTML 14Page - STMicroelectronics AN2009 Datasheet HTML 15Page - STMicroelectronics AN2009 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
12/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
4.1 PWM MANAGER IN VOLTAGE MODE
4.1.1 Description
Figure 8. Current limitation in voltage mode control
In voltage mode, the PWM of the 12-bit timer (through the compare U register) gives the
voltage which is supplied to the motor, it is the voltage control of the motor. This PWM signal
is the one logically ANDed with the control switches signal in order to be able to detect the
zero-crossing and demagnetization events.
In voltage control mode, we can set a limitation to the current. The current limitation can be set
by the user with an external resistor divider as shown in Figure 7 (R1 and R2) and Figure 8
(Rext). Usually this current limitation is the one given by the motor manufacturer. When the
current feedback reaches the maximum reference current at the comparator input, the tran-
sistor to which the PWM is applied is put in off state until the current feedback becomes less
than the maximum current limit. So, one of the inputs of the internal comparator is the max-
imum current limitation, the other input is the current feedback from the motor (MCCFI0 pin or
the output of the internal operational amplifier if used as shown in Figure 7).
This current limitation is for protection and should normally never be reached when running
the motor correctly.
Figure 9 is a capture made with an oscilloscope of the different signals in Voltage mode:
We can see that the current feedback from the motor never reaches the current limitation and
the increase and decrease of the current in the motor corresponds to the PWM signal on the
waveform 2.
set
R
TIMER
HV
ST7MC
Microcontroller
T1
T4
A
I
Motor
Voltage
t
t
step time
step time
T1-T4
T1-T6
ST7MC
PWM U output
Vdd
VR02139M
Max current
reference
Rext
Rext
Max current
reference
- +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com