Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 21Page - STMicroelectronics AN2009 Datasheet HTML 22Page - STMicroelectronics AN2009 Datasheet HTML 23Page - STMicroelectronics AN2009 Datasheet HTML 24Page - STMicroelectronics AN2009 Datasheet HTML 25Page - STMicroelectronics AN2009 Datasheet HTML 26Page - STMicroelectronics AN2009 Datasheet HTML 27Page - STMicroelectronics AN2009 Datasheet HTML 28Page - STMicroelectronics AN2009 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
25/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
6 SYNCHRONOUS RECTIFICATION
6.1 SYNCHRONOUS RECTIFICATION PRINCIPLE
Whatever method is used, the classic method or the ST method, as soon as a PWM signal is
logically ANDed with the switch control signal, the free wheeling diodes of the triple half bridge
configuration are used during the off time off the PWM signal and the current continues to flow
in the same direction in the motor. The ST7MC features a dead time generator that allows ap-
plication of complementary PWM on the switch adjacent to the one where PWM is applied.
With this feature, the conduction losses can be reduced. This is called the “synchronous rec-
tification”.
Precautions must be taken to avoid short circuits in half bridges. This is ensured by driving
high and low side switches with complementary signals and by managing the time between
the switching-off and the switching-on instants of the adjacent switches. This time is the dead-
time and has to be adjusted depending on the devices connected to the PWM outputs and
their characteristics (intrinsic delays of level-shifters, delays due to power switches,...).
In the ST7MC, the dead time is set on six dedicated bits in a register allowing a range of dead
times from 125ns to 16µs. When Fmtc is 16MHz. Dead time can be set with steps of 125, 250
or 500ns.
As an example on Figure 14, if the dead time generator is activated, then during the off time of
the PWM on T3, T0 will be switched-on so the current will flow through the switch and not
through the free-wheeling diode D0.
Figure 15 shows the relationship between the output signals of the deadtime register on the
adjacent switches and its inputs.
Once activated, the dead time generator generates two output signals on the adjacent
switches: A and B.
The A output signal is the same as the input phase signal except for the rising edge, which is
delayed relative to the input signal rising edge.
The B output signal is the opposite of the input phase signal except the rising edge which is
delayed relative to the input signal falling edge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com