Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 16 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 12Page - STMicroelectronics AN2009 Datasheet HTML 13Page - STMicroelectronics AN2009 Datasheet HTML 14Page - STMicroelectronics AN2009 Datasheet HTML 15Page - STMicroelectronics AN2009 Datasheet HTML 16Page - STMicroelectronics AN2009 Datasheet HTML 17Page - STMicroelectronics AN2009 Datasheet HTML 18Page - STMicroelectronics AN2009 Datasheet HTML 19Page - STMicroelectronics AN2009 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
16/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
Figure 11. Oscilloscope waveforms: Current Mode
Note: In speed regulation, the 12-bit timer PWM duty cycle only has to have the right value to
start the motor. Once the target speed is reached, the PWM duty cycle will be adjusted auto-
matically by the ST7MC.
4.2.2 PWM signal register setting in Current mode
In current mode, a combination of an internal clock and the output of the current comparator is
used to set the PWM signal, the registers described below are the ones used to set the fre-
quency and the minimum OFF time if needed from the PWM signal for the internal clock.
PRESCALER & SAMPLING REGISTER (MPRSR)
Read/Write
Reset Value: 0000 0000 (00h)
Bits 7:4 = SA[3:0]: Sampling Ratio.
These bits contain the sampling ratio value for current mode. This sets the frequency of the
PWM according to the following table
7
6
5
4
3
2
1
0
SA3
SA2
SA1
SA0
X
X
X
X
1. Current in Phase A
2. Signal on High Side
Triple Half Bridge
Configuration
4. Current Feedback
3. Current Regulation
Switch of Phase A on
Signal through PWM
Compare U filtered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com