Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 19Page - STMicroelectronics AN2009 Datasheet HTML 20Page - STMicroelectronics AN2009 Datasheet HTML 21Page - STMicroelectronics AN2009 Datasheet HTML 22Page - STMicroelectronics AN2009 Datasheet HTML 23Page - STMicroelectronics AN2009 Datasheet HTML 24Page - STMicroelectronics AN2009 Datasheet HTML 25Page - STMicroelectronics AN2009 Datasheet HTML 26Page - STMicroelectronics AN2009 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
23/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
– Select the group you want to read the BEMF from by programming the REO bit in the MPOL
register. The group the BEMF is read from depends on the sensorless control method used.
If the ST method is used, the high side group has to be selected because the PWM has to
be applied on the high side as seen in the previous chapter, therefore, the BEMF can be read
only from the high side group, REO bit is reset. If the classic method is used, the BEMF can
be read either from the high side group or from the low side group, it depends on where the
PWM signal will be applied as described below. So in this configuration, the REO bit can be
set or reset. Select also the polarity of the output channel through the MPOL register.
POLARITY REGISTER (MPOL)
Read/Write (some bits write-once)
Reset Value: 0011 1111 (3Fh)
Bit 7 = ZVD: Z vs D edge polarity.
0: Zero-crossing and End of Demagnetization have opposite edges
1: Zero-crossing and End of Demagnetization have same edge
Bit 6 = REO: Read on High or Low channel bit
0: Read the BEMF signal on High channels
1: Read on Low channels
Note: This bit always has to be configured whatever the sampling method.
Bits 5:0 = OP[5:0]: Output channel polarity.
These bits are used together with the OO[5:0] bits in the MPHST register to control the output
channels.
0: Output channel is Active Low
1: Output channel is Active High.
– Select the PWM direction after Demagnetization (D) event just before the Zero-crossing (Z)
event. The demagnetization event and the corresponding PWM configuration will be ex-
plained in Section 5. So the PWM direction can be selected using the OS1 bit in MCRB reg-
ister. The same is true for the group to read the BEMF from, the PWM can be applied
differently depending on the sensorless control method used. If the ST method is used, then
the PWM signal has to be applied on the high side, which means that the OS1 bit is reset in
MCRB register. If the classic sensorless control method is used, then the PWM signal can
be applied either on the high side or on the low side. In both cases, the microcontroller is able
7
6
5
4
3
2
1
0
ZVD
REO
OP5
OP4
OP3
OP2
OP1
OP0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com