Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 25Page - STMicroelectronics AN2009 Datasheet HTML 26Page - STMicroelectronics AN2009 Datasheet HTML 27Page - STMicroelectronics AN2009 Datasheet HTML 28Page - STMicroelectronics AN2009 Datasheet HTML 29Page - STMicroelectronics AN2009 Datasheet HTML 30Page - STMicroelectronics AN2009 Datasheet HTML 31Page - STMicroelectronics AN2009 Datasheet HTML 32Page - STMicroelectronics AN2009 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 39 page
background image
29/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
7 WINDING DEMAGNETIZATION
When the microcontroller switches from one step to the next, the non-powered winding needs
a certain demagnetization time. During this time, the current in the winding continues in the
same direction but decreases to zero. It is not possible to see the BEMF voltage as long as
this current is still present, because during this time the voltage on the winding is tied to 0V or
HV by the free-wheeling diode.
Due to the winding self-induction, the demagnetization time decreases if the reverse voltage
on the winding increases. We want to decrease the demagnetization time of the winding so
that the window to detect the BEMF zero voltage crossing event is wider. So the goal to de-
crease this time and to accelerate the end of demagnetization event is to apply the maximum
reverse voltage on the winding that needs to be demagnetized. To do so, depending on the
previous step configuration as we are going to describe in this section, we can apply either the
PWM on the low side switch or on the high side switch to accelerate the demagnetization.
Let’s look at two examples to illustrate the two possible cases:
7.1 ACCELERATION OF DEMAGNETIZATION WHEN PWM IS APPLIED ON THE LOW
SIDE SWITCH
Figure 18 shows step
Σ4 (switches T2-T3 are ON) with the normal current and the free-
wheeling current (dotted line) during the PWM OFF time of the high side switch T2.
Figure 18. Step
Σ4 (switches T2-T3 are ON)
HV
T4
T1
T0
T3
T2
T5
C
A
B
D0
D2
D4
D3
D5
D1
M
Normal
current
free-wheeling current
for BEMF reading (ST method)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com