Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2009 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN2009
Description  PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2009 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN2009 Datasheet HTML 17Page - STMicroelectronics AN2009 Datasheet HTML 18Page - STMicroelectronics AN2009 Datasheet HTML 19Page - STMicroelectronics AN2009 Datasheet HTML 20Page - STMicroelectronics AN2009 Datasheet HTML 21Page - STMicroelectronics AN2009 Datasheet HTML 22Page - STMicroelectronics AN2009 Datasheet HTML 23Page - STMicroelectronics AN2009 Datasheet HTML 24Page - STMicroelectronics AN2009 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21/39
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
5.2 PWM ON THE LOW SIDE
When the related switches are ON (example of Figure 12) the current passes through the two
switches and two motor windings.
When the low side is switched OFF, the current inside the motor continues to flow in the same
direction (Figure 14). While the switch is OFF, the current can only use the diode (D0 in our ex-
ample).
In this case the potential at A is (HV+Vf), the potential at B is (HV-Von) and the potential at M
is (2xHV+Von-Vf)/2. We can consider it to be HV (because in most cases Von = Vf).
In this case the microcontroller can read the BEMF voltage only if the Classic method is used
during ON time of the PWM signal because the signal in C is divided and filtered before the mi-
crocontroller input pin. Considering the ST method, the sampling of the BEMF is done only
during the OFF time of the PWM and as with the ST method, the signal is not divided and fil-
tered in C before the microcontroller pin, this method can not be used as the voltage in C is
close to HV during the PWM off time.
– Von is the voltage of the switch when it is turned ON
– Vf is the forward voltage of a diode
Figure 14. PWM on low side: Current during OFF time
C
A
B
HV
T4
T1
T0
T3
T2
T5
PWM
HV
PWM on T3; Free-wheeling diode D0
D0
D2
D4
D3
D5
D1
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com